Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1052 Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLEGD1052
Description  TOSHIBA LED Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1052 Datasheet(HTML) 2 Page - Marktech Corporate

  TLEGD1052 Datasheet HTML 1Page - Marktech Corporate TLEGD1052 Datasheet HTML 2Page - Marktech Corporate TLEGD1052 Datasheet HTML 3Page - Marktech Corporate TLEGD1052 Datasheet HTML 4Page - Marktech Corporate TLEGD1052 Datasheet HTML 5Page - Marktech Corporate TLEGD1052 Datasheet HTML 6Page - Marktech Corporate TLEGD1052 Datasheet HTML 7Page - Marktech Corporate TLEGD1052 Datasheet HTML 8Page - Marktech Corporate TLEGD1052 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLBD1052(T20),TLEGD1052(T20)
2008-01-10
2
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Forward current derating
Electrical Characteristics (Ta = 25°C)
Forward Voltage VF
Reverse Current IR
Product Name
Min.
Typ.
Max.
IF
Max.
VR
TLBD1052
2.7
3.3
4.0
TLEGD1052
2.7
3.3
4.0
20
10
4
Unit
V
mA
µA
V
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLBD1052
−40~85
TLEGD1052
30
4
120
−40~100
−40~110
Ambient temperature
Ta (°C)
IF – Ta
0
0
20
40
60
80
100
120
5
10
15
20
25
30
35
TLBD1052
TLEGD1052



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com