Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1052 Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLEGD1052
Description  TOSHIBA LED Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1052 Datasheet(HTML) 1 Page - Marktech Corporate

  TLEGD1052 Datasheet HTML 1Page - Marktech Corporate TLEGD1052 Datasheet HTML 2Page - Marktech Corporate TLEGD1052 Datasheet HTML 3Page - Marktech Corporate TLEGD1052 Datasheet HTML 4Page - Marktech Corporate TLEGD1052 Datasheet HTML 5Page - Marktech Corporate TLEGD1052 Datasheet HTML 6Page - Marktech Corporate TLEGD1052 Datasheet HTML 7Page - Marktech Corporate TLEGD1052 Datasheet HTML 8Page - Marktech Corporate TLEGD1052 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLBD1052(T20),TLEGD1052(T20)
2008-01-10
1
TOSHIBA LED Lamp
TLBD1052(T20),TLEGD1052(T20)
Panel Circuit Indicator
• 5.2 (L) × 5.2 (W) × 4.0 (H) mm size
• TL□H1052 (T20) Series
3.6 × 4.4 mm transparent oval lens top type
• Colors
: Blue λd=470 nm (typ.)
: Green λd=528 nm (typ.)
• Clear luminescence is obtained.
• High Operating Temperature
: Topr = −40~100°C (85℃)
: Tstg=−40~110℃
• Can be mounted using surface mounter.
• Reflow Soldering is possible.
• Standard Embossed Taping
8 mm pitch : T20(400pcs/Reel)
• Applications : message signboards, backlighting,
amusement, etc
Color and Material
unit:mm
JEDEC
―
JEITA
―
TOSHIBA
4-5AU1
Weight: 0.085g
Product Name
Color
Material
TLBD1052
Blue
InGaN
TLEGD1052
Green
InGaN
Preliminary


Similar Part No. - TLEGD1052

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLEGD1050 MARKTECH-TLEGD1050 Datasheet
210Kb / 8P
TOSHIBA LED Lamp
More results

Similar Description - TLEGD1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
TOSHIBA LED LAMP
05-Dec-2001
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
TOSHIBA LED LAMP
01-Jun-2001
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
TOSHIBA LED Lamp
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
TOSHIBA LED Lamp
TLRM1052 TOSHIBA-TLRM1052 Datasheet
340Kb / 14P
TOSHIBA LED Lamp
logo
Marktech Corporate
TLRMH265P MARKTECH-TLRMH265P Datasheet
143Kb / 3P
TOSHIBA LED LAMP InGaA RED LIGHT EMISSION
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
TOSHIBA LED LAMP
1996-09-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com