Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1052 Datasheet(PDF) 7 Page - Marktech Corporate

Part # TLEGD1052
Description  TOSHIBA LED Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1052 Datasheet(HTML) 7 Page - Marktech Corporate

Back Button TLEGD1052 Datasheet HTML 3Page - Marktech Corporate TLEGD1052 Datasheet HTML 4Page - Marktech Corporate TLEGD1052 Datasheet HTML 5Page - Marktech Corporate TLEGD1052 Datasheet HTML 6Page - Marktech Corporate TLEGD1052 Datasheet HTML 7Page - Marktech Corporate TLEGD1052 Datasheet HTML 8Page - Marktech Corporate TLEGD1052 Datasheet HTML 9Page - Marktech Corporate TLEGD1052 Datasheet HTML 10Page - Marktech Corporate TLEGD1052 Datasheet HTML 11Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TLBD1052(T20),TLEGD1052(T20)
2008-01-10
7
Recommended soldering pattern
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. Our
dipping tests (carried out under the recommended conditions) confirm that these solvents have no effect on
semiconductor devices. In selecting the cleaning solvent you will actually use, be sure to take into account
the cleaning conditions and usage conditions.
Cleaning Solvent
Manufacturer
ASAHI CLEAN AK-225AES
ASAHI GLASS
KAO CLEANTHROUGH 750H
KAO
PINE ALPHA ST-100S
ARAKAWA CHEMICAL
TOSHIBA TECHNOCARE
GE TOSHIBA SILICONES
(FRW-17, FRW-1, FRV-100)
Precautions When Mounting
Do not apply force to plastic parts of the LED under high-temperature conditions.
The LED plastic is easily scratched. Avoid friction between plastic parts and hard objects or materials.
When installing the PCB in a product, ensure that the device does not come into contact with other components.
Tape Specifications
This specification lays out the 8 mm pitch embossed-tape packing requirements for 5.2 mm (L)
× 5.2 mm (W) ×
4.0 mm (H) size surface-mount LED lamp.
1.
Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The method
of classification is as below. (This method, however, does not apply to products whose electrical
characteristics differ from standard Toshiba specifications.)
(1)
Tape Type: T20 (8-mm pitch)
(2)
Example
Tape type
2.
Related Matters
(1) Electro-optical Characteristics
Please refer to the each technical datasheet for electro-optical characteristics of tape packed
products.
(2) Handling Precautions
Tape material protected against static electricity. However, static electricity may occur
depending on quantity of charged static electricity and a device may attach to a tape, or a device
may be unstable when peeling a tape cover.
(a) In process, taping materials may sustain an electrostatic charge, use an ionizer to neutralize
the ions.
(b) For transport and temporary storage of devices, use containers (boxes, jigs, bags) that are
made of anti-static materials or of materials that dissipate electrostatic electricity.
2.45
1.3
2.7
Unit: mm
2.45
TLBD1052
(T20)
Toshiba product No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com