Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLEGD1052 Datasheet(PDF) 4 Page - Marktech Corporate

Part # TLEGD1052
Description  TOSHIBA LED Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLEGD1052 Datasheet(HTML) 4 Page - Marktech Corporate

  TLEGD1052 Datasheet HTML 1Page - Marktech Corporate TLEGD1052 Datasheet HTML 2Page - Marktech Corporate TLEGD1052 Datasheet HTML 3Page - Marktech Corporate TLEGD1052 Datasheet HTML 4Page - Marktech Corporate TLEGD1052 Datasheet HTML 5Page - Marktech Corporate TLEGD1052 Datasheet HTML 6Page - Marktech Corporate TLEGD1052 Datasheet HTML 7Page - Marktech Corporate TLEGD1052 Datasheet HTML 8Page - Marktech Corporate TLEGD1052 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLBD1052(T20),TLEGD1052(T20)
2008-01-10
4
TLBD1052
IF – VF
1
300
Ta
= 25°C
400
500
600
700
0.4
0.6
0.8
1.0
0.2
1
3
10
30
100
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
Ta
= 25°C
Ta = 25°C
Forward voltage VF (V)
IV – Tc
0.1
10
3
80
60
100
1
0.3
20
5
0.5
−20
0
40
Case temperature Tc (°C)
Wavelength
λ (nm)
Relative luminous intensity – wavelength
Radiation pattern
IV – IF
Forward current IF (mA)
Ta
= 25°C
10
1000
1
50
500
300
100
30
50
3
5
10
30
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com