Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506AMWI/PR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG506AMWI/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506AMWI/PR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG506AMWI/PR Datasheet HTML 1Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 2Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 3Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 4Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 5Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 6Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Monolithic CMOS Analog Multiplexers
General Description
Maxim’s DG506A/DG507A are monolithic CMOS analog
multiplexers. The DG506A is a single 16-channel (1 of
16) multiplexer and the DG507A is a differential 8-chan-
nel (2 of 16) multiplexer.
Both devices feature break-before-make switching.
Maxim guarantees that these multiplexers will not latch-
up if the power supplies are turned off with the input
signals still present as long as absolute maximum ratings
are not violated. The multiplexers operate over a wide
range of power supplies from Q4.5V to Q18V.
Compared to the original manufacturer’s devices,
Maxim’s DG506A/DG507A consume significantly less
power, making them ideal for portable equipment.
Maxim’s DG506A/DG507A meet or exceed the speci-
fications of, and are drop-in replacements for Intersil’s
IH6116 and IH6216, Siliconix’s DG506A and DG507A,
and Harris’ HI506 and HI507.
Applications
Control Systems
Data Logging Systems
Aircraft Heads Up Displays
Data Acquisition Systems
Signal Routing
Features
S
Improved 2nd Source
S
Pin Compatible with Harris, Siliconix, Intersil
S
Operable with ±4.5V to ±18V Supplies
S
Symmetrical, Bidirectional Operation
S
Logic and Enable Inputs, TTL and CMOS Compatible
S
Latch-Up Proof Construction
S
Monolithic, Low-Power CMOS Design
19-0482; Rev 3; 2/10
Pin Configurations
Typical Operating Circuit
Ordering Information
†Devices are available in a lead(Pb)-free/RoHS-compliant
package, specify lead-free by adding “+” to the part number
when ordering.
CLOCK IN
QB
QC
QA
AH1
BH1
NC
+15V
+15V
V+
GND
r02
r01
QD
NC
ANALOG
INPUT
(OUTPUTS)
-15V
-15V
ANALOG
OUTPUT
(INPUTS)
ENABLE IN
(MUX ON-OFF
CONTROL)
A0 A1 A2
GND
EN
V+
V-
Da
Db
S1b
S8b
S1a
S8a
DG507A
8-CHANNEL SEQUENTIAL DIFFERENTIAL MUX/DEMUX
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D
V-
S8
S7
S6
S5
A2
S4
S3
S2
S1
EN
A0
A1
A3
NC
GND
S9
S10
S11
S12
S13
S14
S15
S16
NC
NC
V+
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Da
V-
S8a
S7a
S6a
S5a
A2
S4a
S3a
S2a
S1a
EN
A0
A1
NC
NC
GND
S1b
S2b
S3b
S4b
S5b
S6b
S7b
S8b
NC
Db
V+
DG506A
DG507A
PART†
TEMP RANGE
PIN-PACKAGE
DG506AAK
-55°C to +125°C
28 CERDIP
DG506ABK
-25°C to +85°C
28 CERDIP
DG506AC/D
0°C to +70°C
Dice
DG506ACJ
0°C to +70°C
28 Plastic Dip
DG506ACK
0°C to +70°C
28 CERDIP
DG506ACWI
0°C to +70°C
28 Wide SO
DG506AMWI/PR
-55°C to +125°C
28 Wide SO
DG507AAK
-55°C to +125°C
28 CERDIP
DG507ABK
-25°C to +85°C
28 CERDIP
DG507AC/D
0°C to +70°C
Dice
DG507ACJ
0°C to +70°C
28 Plastic DIP
DG507ACK
0°C to +70°C
28 CERDIP
DG507ACWI
0°C to +70°C
28 Wide SO


Similar Part No. - DG506AMWI/PR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506AMWI/PR MAXIM-DG506AMWI/PR Datasheet
1Mb / 10P
Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
More results

Similar Description - DG506AMWI/PR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
Monolithic CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
CMOS Analog Multiplexers
September 13, 2004
logo
Maxim Integrated Produc...
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com