Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506AMWI/PR Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG506AMWI/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506AMWI/PR Datasheet(HTML) 6 Page - Maxim Integrated Products

  DG506AMWI/PR Datasheet HTML 1Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 2Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 3Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 4Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 5Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 6Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Monolithic CMOS Analog Multiplexers
6
Switching Time Test Circuits (continued)
Figure 2a. Enable Switching Time
Figure 2b. Enable Switching Time
Figure 3. Break-Before-Make
Figure 4. Timing Diagrams for Figures 1, 2, and 3
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix number, but the drawing
pertains to the package regardless of RoHS status.
-5V
S1
A1
A2
A0
EN
A3
+15V
V+
V-
-15V
DG506A
GND
SWITCH
OUTPUT
VO
1kΩ
D
50Ω
LOGIC
INPUT
S2 THRU S16
35pF
-5V
S1b
A1
A2
A0
EN
+15V
V+
V-
-15V
DG507A
GND
SWITCH
OUTPUT
VO
1kΩ
35pF
Db
50Ω
LOGIC
INPUT
S1a THRU S4a, Da,
S2b, S3b, S4b
+2.4V
VS = +5V
ALL S AND Da
A0 A1 A2 A3
EN
+15V
V+
V-
-15V
DG506A
DG507A
GND
SWITCH
OUTPUT
VO
1kΩ
Db, D
50Ω
LOGIC
INPUT
35pF
LOGIC INPUT
tr < 20ns
ti < 20ns
SWITCH OUTPUT
VO
(SEE FIGURE 1)
TRANSITION
TIME
SWITCH OUTPUT
VO
(SEE FIGURE 2)
ENABLE t(ON)/t(OFF)
TIME
SWITCH OUTPUT
VO
(SEE FIGURE 3)
3V
50%
0
tON (En)
0.1 VO
0
0.9 VO
VO
VS
VS
50%
0V
S8 ON
toff (En)
VS1
0.8 VS1
0.8 VS8
VS8
ttransition
S1 ON
ttransition
0
OPEN TIME
BREAK-BEFORE-MAKE
INTERVAL
tOPEN
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 CERDIP
J28-2
21-0046
28 Plastic DIP
P28-2
21-0044
28 Wide SO
W28-5
21-0042



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com