Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506AMWI/PR Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG506AMWI/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506AMWI/PR Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG506AMWI/PR Datasheet HTML 1Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 2Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 3Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 4Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 5Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 6Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Monolithic CMOS Analog Multiplexers
5
ELECTRICAL CHARACTERISTICS (Overtemperature) (continued)
(V+ = 15V, V- = -15V, VGND = 0V, TA = over temperature range, unless otherwise noted.)
Note 1: Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum
current ratings.
Note 2: The algebraic convention whereby the most negative value is a minimum, and the most positive value is a maximum, is
used in this data sheet.
Note 3: Typical values are for design aid only, not guaranteed nor subject to production testing.
Note 4: ID(ON) is leakage from driver into on switch.
Note 5: Off-isolation = 20log x VO/VS, VS = input to off switch, VD = output due to VS.
Truth Tables
Switching Time Test Circuits
Figure 1a. Transition Switching Time
Figure 1b. Transition Switching Time
Note: Logic “0” = VAL ≤ 0.8V, Logic “1” = VAH ≥ 2.4V,
“0” = Don’t Care.
+2.4V
±10V
S1
±10V
S16
A1
A2
A0
EN
A3
+15V
V+
V-
-15V
DG506A
GND
SWITCH
OUTPUT
VO
1MΩ
D
50Ω
LOGIC
INPUT
S2 THRU S15
35pF
+2.4V
±10V
S1b
±10V
S8b
A1
A2
A0
EN
+15V
V+
V-
-15V
DG507A
GND
SWITCH
OUTPUT
VO
1MΩ
Db
50Ω
LOGIC
INPUT
S2b, AND S7b
S1a THRU S8a, Da
35pF
A3
A2
A1
A0
EN
ON SWITCH
X
X
X
X
0
None
0
0
0
0
1
1
0
0
0
1
1
2
0
0
1
0
1
3
0
0
1
1
1
4
0
1
0
0
1
5
0
1
0
1
1
6
0
1
1
0
1
7
0
1
1
1
1
8
1
0
0
0
1
9
1
0
0
1
1
10
1
0
1
0
1
11
1
0
1
1
1
12
1
1
0
0
1
13
1
1
0
1
1
14
1
1
1
0
1
15
1
1
1
1
1
16
A2
A1
A0
EN
ON SWITCH
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com