Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506AMWI/PR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG506AMWI/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506AMWI/PR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG506AMWI/PR Datasheet HTML 1Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 2Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 3Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 4Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 5Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 6Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Monolithic CMOS Analog Multiplexers
4
ELECTRICAL CHARACTERISTICS (Overtemperature)
(V+ = 15V, V- = -15V, VGND = 0V, TA = overtemperature range, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
DG506AA
DG507AA
DG506AB/C
DG507AB/C
UNITS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
SWITCH
Analog Signal
Range
VANALOG
-15
+15
-15
+15
V
Drain-to-Source
On-Resistance
RDS(ON)
Sequence each
switch on,
VAL = 0.8V,
VAH = 2.4V,
VEN = 2.4V
VD = 10V, IS
= -200FA
500
550
I
VD = -10V,
IS = -200FA
500
550
Source Off-
Leakage
Current
IS(OFF)
VEN = 0.8V,
VAL = 0.8V
VS = 10V,
VD = -10V
-50
+50
-50
+50
nA
VS = -10V,
VD = 10V
-50
+50
-50
+50
Drain Off-
Leakage
Current
ID(OFF)
DG506A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-300
+300
-300
+300
nA
VD = -10V,
VS = 10V
-300
+300
-300
+300
DG507A,
VEN = 0.8V,
VAL = 0.8V
VD = 10V,
VS = -10V
-200
+200
-200
+200
VD = -10V,
VS = 10V
-200
+200
-200
+200
Channel
On-Leakage
Current
ID(ON)
(Note 4)
DG506A,
sequence each
switch on,
VAL = 0.8V,
VAN = 2.4V,
VEN = 2.4V
VS(all) = VD
= 10V
-300
+300
-300
+300
nA
VS(all) = VD
= -10V
-300
+300
-300
+300
DG507A,
sequence each
switch on,
VAL = 0.8V,
VAN = 2.4V,
VEN = 2.4V
VS(all) = VD
= 10V
-200
+200
-200
+200
VS(all) = VD
= -10V
-200
+200
-200
+200
INPUT
Address Input
Current, Input-
Voltage High
IAH
VA = 2.4V
-30
-30
F
A
VA = 15V
30
30
Address Input
Current, Input-
Voltage Low
IAL
All VA = 0V
VEN = 2.4V
-30
-30
F
A
VEN = 0V
30
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com