Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506AMWI/PR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG506AMWI/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG506AMWI/PR Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG506AMWI/PR Datasheet HTML 1Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 2Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 3Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 4Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 5Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 6Page - Maxim Integrated Products DG506AMWI/PR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Monolithic CMOS Analog Multiplexers
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, V- = -15V, VGND = 0V, TA = +25NC, unless otherwise indicated.)
PARAMETER
SYMBOL
CONDITIONS
DG506AA
DG507AA
DG506AB/C
DG507AB/C
UNITS
MIN
(Note 2)
TYP
(Note 3)
MAX
MIN
(Note 2)
TYP
(Note 3)
MAX
Channel
On-Leakage
Current
ID(ON)
(Note 4)
DG506A,
sequence each
switch on,
VAL = 0.8V,
VAH = 2.4V,
VEN = 2.4V
VS(all) = VD
= 10V
-10
0.03
+10
-20
0.03
+20
nA
VS(all) = VD
= -10V
-10
-0.06
+10
-20
-0.06
+20
DG507A,
sequence each
switch on,
VAL = 0.8V,
VAH = 2.4V,
VEN = 2.4V
VS(all) = VD
= 10V
-5
0.015
+5
-10
0.015
+10
VS(all) = VD
= -10V
-5
-0.03
+5
-10
-0.03
+10
INPUT
Address Input
Current, Input-
Voltage High
IAH
VA = 2.4V
-10
-0.002
-10
-0.002
F
A
VA = 15V
0.006
10
0.006
10
Address Input
Current, Input-
Voltage Low
IAL
All VA = 0V
VEN = 2.4V
-10
-0.002
-10
-0.002
F
A
VEN = 0V
-10
-0.002
-10
-0.002
DYNAMIC
Switching Time
of Multiplexer
ttransition
Figure 1
0.6
1
0.06
F
s
Break-Before-
Make Interval
tOPEN
Figure 3
0.2
0.2
F
s
Enable Turn-
On Time
tON(EN)
Figure 2
1
1
F
s
Enable Turn-
Off Time
tOFF(EN)
Figure 2
0.4
0.4
F
s
Off-Isolation
(Note 5)
OIRR
VEN = 0V, RL = 1kI, CL =
15pF, VS = 7VRMS, f = 500kHz
68
68
dB
Source Off-
Capacitance
CS(OFF)
VEN = 0V, f = 140kHz, VS = 0V
6
6
pF
Drain Off-
Capacitance
CD(OFF)
VEN = 0V,
f = 140kHz
DG506A, VD = 0V
45
45
pF
DG507A, VD = 0V
23
23
SUPPLY
Positive Supply
Current
I+
VEN = 0 or 5V, all VA = 0V
0.13
0.25
0.13
0.3
mA
Negative
Supply Current
I-
VEN = 0 or 5V, all VA = 0V
-0.15
-0.07
-0.25
-0.07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com