Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
38
Freescale Semiconductor
Figure 26. Timing Diagram—ATA-ISOLATION
1.3.10
Ethernet
AC Test Timing Conditions:
•
Output Loading
All Outputs: 25 pF
Figure 27. Ethernet Timing Diagram—MII Rx Signal
Table 30. Timing Specification ata_isolation
Sym
Description
Min
Max
Units
SpecID
1
ata_isolation setup time
7
—
IP Bus cycles
A8.48
2
ata_isolation hold time
—
19
IP Bus cycles
A8.49
Table 31. MII Rx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
10
—
ns
A9.1
t2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
10
—
ns
A9.2
t3
RX_CLK pulse width high
35%
65%
RX_CLK Period(1)
1 RX_CLK shall have a frequency of 25% of data rate of the received signal. See the IEEE 802.3 Specification.
A9.3
t4
RX_CLK pulse width low
35%
65%
RX_CLK Period(1)
A9.4
DIOR
2
1
ATA_ISOLATION
t4
t3
t1
t2
RX_CLK (Input)
RXD[3:0] (inputs)
RX_DV
RX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com