Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
9
1.1.6
Thermal Characteristics
1.1.6.1
Heat Dissipation
An estimation of the chip-junction temperature, TJ, can be obtained from the following equation:
TJ =TA+(RθJA × PD)
Eqn. 3
where:
TA = ambient temperature for the package (ºC)
RθJA = junction to ambient thermal resistance (ºC/W)
PD = power dissipation in package (W)
The junction to ambient thermal resistance is an industry standard value, which provides a quick and easy estimation of thermal
performance. Unfortunately, there are two values in common usage: the value determined on a single layer board, and the value
obtained on a board with two planes. For packages such as the PBGA, these values can be different by a factor of two. Which
value is correct depends on the power dissipated by other components on the board. The value obtained on a single layer board
is appropriate for the tightly packed printed circuit board. The value obtained on the board with the internal planes is usually
appropriate if the board has low power dissipation and the components are well separated.
Historically, the thermal resistance has frequently been expressed as the sum of a junction to case thermal resistance and a case
to ambient thermal resistance:
Table 7. Thermal Resistance Data
Rating
Board Layers
Sym
Value
Unit
Notes
SpecID
Junction to Ambient
Natural Convection
Single layer board
(1s)
RθJA
30
°C/W
(1),(2)
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
D6.1
Junction to Ambient
Natural Convection
Four layer board (2s2p)
RθJMA
22
°C/W
(1),(3)
3 Per JEDEC JESD51-6 with the board horizontal.
D6.2
Junction to Ambient (@200
ft/min)
Single layer board
(1s)
RθJMA
24
°C/W
(1),(3)
D6.3
Junction to Ambient (@200
ft/min)
Four layer board
(2s2p)
RθJMA
19
°C/W
(1),(3)
D6.4
Junction to Board
—
RθJB
14
°C/W
(4)
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
D6.5
Junction to Case
—
RθJC
8°C/W
(5)
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
D6.6
Junction to Package Top
Natural Convection
Ψ
JT
2°C/W
(6)
6 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter
is written as Psi-JT.
D6.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com