Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 72Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
Freescale Semiconductor
69
Figure 55. JTAG_TRST Wiring for Boards without COP Connector
4
Ordering Information
Table 54. Ordering Information
Part Number1
1 Shipped in trays. Add “R2” suffix for Tape & Reel.
Speed
Ambient Temp
Qualification2
2
Commercial Qualified to < 250 PPM level. Industrial/Automotive Qualified to AEC-Q100.
Automotive has Zero Defect flow.
Packaging3
3
Standard is halide-free with Pb solder balls.
MPC5200VR400B
400
0 °C to 70 °C
Commercial
RoHS & Pb-free
MPC5200CVR466B
400
–40 °C to 85 °C
Industrial
RoHS & Pb-free
SPC5200CBV400B
400
–40 °C to 85 °C
Automotive – AEC
Standard
SPC5200CVR400B
400
–40 °C to 85 °C
Automotive – AEC
RoHS & Pb-free
SC103335VR400B
400
–40 °C to 85 °C
Automotive – AEC
RoHS & Pb-free
HRESET
SRESET
VDD
VDD
JTAG_TRST
VDD
JTAG_TMS
VDD
JTAG_TCK
VDD
JTAG_TDI
TEST_SEL_0
JTAG_TDO
HRESET
SRESET
10Kohm
10Kohm
MPC5200B
PORRESET
PORRESET
10Kohm
10Kohm
10Kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com