Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 72Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
70
Freescale Semiconductor
5
Document Revision History
Table 55 provides a revision history for this hardware specification.
Table 55. Document Revision History
Rev. No.
Differences
1
Clock Frequencies table: 466 MHz was changed to 400 MHz for the e300 Processor Core
2
Added description for PCI CLK Slew Rate for PCI CLK Specifications table.
Added description for minimum rates in the DDR SDRAM Memory Write Timing table.
3
Added one item to table “DDR SDRAM Memory Read Timing.”
4
Updated table “Ordering Information.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com