Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200B Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5200B
Description  SDRAM/DDR Memory Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200B Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5200B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200B Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
MPC5200B Data Sheet, Rev. 4
8
Freescale Semiconductor
Table 6. Power Dissipation
Core Power Supply (VDD_CORE)
SpecID
Mode
SYS_XTAL/XLB/PCI/IPB/CORE (MHz)
Unit
Notes
33/66/33/33/264
33/132/66/132/396
Typ
Typ
Operational
727.5
1080
mW
(1),(2)
1 Typical core power is measured at VDD_CORE = 1.5 V, Tj = 25 °C
2 Operational power is measured while running an entirely cache-resident program with floating-point multiplication
instructions in parallel with a continuous PCI transaction via BestComm.
D5.1
Doze
—
600
mW
(1),(3)
3 Doze power is measured with the e300 core in Doze mode, the system oscillator, System PLL and Core PLL are
active, all other system modules are inactive
D5.2
Nap
—
225
mW
(1),(4)
4 Nap power is measured with the e300 core in Nap mode, the system oscillator, System PLL and Core PLL are
active, all other system modules are inactive
D5.3
Sleep
—
225
mW
(1),(5)
5 Sleep power is measured with the e300 core in Sleep mode, the system oscillator, System PLL and Core PLL are
active, all other system modules are inactive
D5.4
Deep-Sleep
52.5
52.5
mW
(1),(6)
6
Deep-Sleep power is measured with the e300 core in Sleep mode, the system oscillator, System PLL, Core
PLL and all other system modules are inactive
D5.5
PLL Power Supplies (SYS_PLL_AVDD, CORE_PLL_AVDD)
Mode
Typ
Unit
Notes
Typical
2
mW
(7)
7 Typical PLL power is measured at SYS_PLL_AVDD = CORE_PLL_AVDD = 1.5 V, Tj = 25 °C
D5.6
Unloaded I/O Power Supplies (VDD_IO, VDD_MEM_IO8)
8 IO power figures given in the table represent the worst case scenario. For the VDD_MEM_IO rail connected to
2.5 V the IO power is expected to be lower and bounded by the worst case with VDD_MEM_IO connected to 3.3 V.
Mode
Typ
Unit
Notes
Typical
33
mW
(9)
9 Unloaded typical I/O power is measured in Deep-Sleep mode at VDD_IO = VDD_MEM_IO
SDR= 3.3 V, Tj = 25 °C
D5.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com