Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8533 Datasheet HTML 1Page - NXP Semiconductors PCF8533 Datasheet HTML 2Page - NXP Semiconductors PCF8533 Datasheet HTML 3Page - NXP Semiconductors PCF8533 Datasheet HTML 4Page - NXP Semiconductors PCF8533 Datasheet HTML 5Page - NXP Semiconductors PCF8533 Datasheet HTML 6Page - NXP Semiconductors PCF8533 Datasheet HTML 7Page - NXP Semiconductors PCF8533 Datasheet HTML 8Page - NXP Semiconductors PCF8533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
2 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
3.
Ordering information
[1]
Bump hardness see Table 20.
4.
Marking
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Delivery form[1]
Version
PCF8533U/2/F2
PCF8533-2
bare die; 99 bumps; 5.28 x 1.4 x 0.38 mm
chip with hard bumps in tray -
PCF8533U/2DA/2
PCF8533-2
bare die; 99 bumps; 5.28 x 1.4 x 0.38 mm
chip with soft bumps in tray
-
Table 2.
Marking codes
Type number
Marking code
PCF8533U/2/F2
PC8533-2
PCF8533U/2DA/2
PC8533-2
Fig 1.
Block diagram of PCF8533
mgl743
LCD
VOLTAGE
SELECTOR
CLOCK SELECT
AND TIMING
BLINKER
TIMEBASE
OSCILLATOR
INPUT
FILTERS
I2C-BUS
CONTROLLER
POWER-ON
RESET
CLK
SYNC
OSC
SCL
SDA
BACKPLANE
OUTPUTS
DISPLAY
CONTROL
BP0 BP1 BP2 BP3
DISPLAY SEGMENT OUTPUTS
DISPLAY REGISTER
OUTPUT BANK SELECT
AND BLINK CONTROL
80
S0 to S79
SA0
VDD
A0
A1
A2
PCF8533
LCD BIAS
GENERATOR
VSS
VLCD
COMMAND
DECODE
WRITE DATA
CONTROL
DISPLAY
RAM
DATA POINTER AND
AUTO INCREMENT
SUBADDRESS
COUNTER
SDAACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com