Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 9Page - NXP Semiconductors PCF8533 Datasheet HTML 10Page - NXP Semiconductors PCF8533 Datasheet HTML 11Page - NXP Semiconductors PCF8533 Datasheet HTML 12Page - NXP Semiconductors PCF8533 Datasheet HTML 13Page - NXP Semiconductors PCF8533 Datasheet HTML 14Page - NXP Semiconductors PCF8533 Datasheet HTML 15Page - NXP Semiconductors PCF8533 Datasheet HTML 16Page - NXP Semiconductors PCF8533 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
13 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
7.9 Backplane outputs
The LCD drive section includes four backplane outputs: BP0 to BP3. The backplane
output signals are generated based on the selected LCD drive mode.
• In 1:4 multiplex drive mode: BP0 to BP3 must be connected directly to the LCD.
If less than four backplane outputs are required the unused outputs can be left
open-circuit.
• In 1:3 multiplex drive mode: BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
• In 1:2 multiplex drive mode: BP0 and BP2, BP1 and BP3 respectively carry the same
signals and can also be paired to increase the drive capabilities.
• In static drive mode: The same signal is carried by all four backplane outputs; and
they can be connected in parallel for very high drive requirements.
7.10 Display RAM
The display RAM is a static 80
× 4 bit RAM which stores LCD data. A logic 1 in the RAM
bit map indicates the on-state of the corresponding LCD element; similarly, a logic 0
indicates the off state. There is a one-to-one correspondence between the RAM
addresses and the segment outputs and between the individual bits of a RAM word and
the backplane outputs. The display RAM bit map Figure 9 shows rows 0 to 3 which
correspond with the backplane outputs BP0 to BP3, and columns 0 to 79 which
correspond with the segment outputs S0 to S79. In multiplexed LCD applications the
segment data of the first, second, third and fourth row of the display RAM are
time-multiplexed with BP0, BP1, BP2, and BP3 respectively.
When display data is transmitted to the PCF8533, the received display bytes are stored in
the display RAM in accordance with the selected LCD drive mode. The data is stored as it
arrives and does not wait for the acknowledge cycle as with the commands. Depending on
the current multiplex drive mode, data is stored singularly, in pairs, triples or quadruples.
To illustrate the filling order, an example of a 8-segment numeric display showing all drive
modes is given in Figure 10; the RAM filling organization depicted applies equally to other
LCD types.
Fig 9.
Display RAM bit map showing direct relationship between RAM address and
segment outputs and also between RAM word bits and backplane outputs
0
0
1
2
3
1234
75
76
77
78
79
display RAM addresses (columns) / segment outputs (S)
display RAM bits
(rows) /
backplane outputs
(BP)
mgl750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com