Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 34Page - NXP Semiconductors PCF8533 Datasheet HTML 35Page - NXP Semiconductors PCF8533 Datasheet HTML 36Page - NXP Semiconductors PCF8533 Datasheet HTML 37Page - NXP Semiconductors PCF8533 Datasheet HTML 38Page - NXP Semiconductors PCF8533 Datasheet HTML 39Page - NXP Semiconductors PCF8533 Datasheet HTML 40Page - NXP Semiconductors PCF8533 Datasheet HTML 41Page - NXP Semiconductors PCF8533 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
38 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
15. Bare die outline
Fig 25. Bare die outline of PCF8533-2
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8533-2
pcf8533-2_do
09-09-08
10-01-28
Unit
mm
max
nom
min
0.381
0.020
0.017
0.014
5.276
1.402
0.08
0.289
A
Dimensions
Note
1. Dimension not drawn to scale
Bare die; 99 bumps; 5.28 x 1.4 x 0.38 mm
PCF8533-2
A1
b
0.053
0.050
0.047
DE
e(1)
e1(1)
L
0.093
0.090
0.087
0
1
2 mm
scale
Y
X
x
0,0
y
129
30
99
85
PC8533-2
D
E
detail Y
e1
e
b
L
detail X
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com