Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 18Page - NXP Semiconductors PCF8533 Datasheet HTML 19Page - NXP Semiconductors PCF8533 Datasheet HTML 20Page - NXP Semiconductors PCF8533 Datasheet HTML 21Page - NXP Semiconductors PCF8533 Datasheet HTML 22Page - NXP Semiconductors PCF8533 Datasheet HTML 23Page - NXP Semiconductors PCF8533 Datasheet HTML 24Page - NXP Semiconductors PCF8533 Datasheet HTML 25Page - NXP Semiconductors PCF8533 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
22 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
The acknowledgement after each byte is made only by the (A0, A1, and A2) addressed
PCF8533. After the last (display) byte, the I2C-bus master asserts a STOP condition (P).
Alternatively a START may be asserted to RESTART an I2C-bus access.
8.2 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. The five
commands available to the PCF8533 are defined in Table 9.
Table 9.
Definition of commands
Command
Operation code
Reference
mode-set
1
1
0
0
E
B
M1
M0
Table 10
load-data-pointer
0
P6
P5
P4P3P2P1P0
Table 11
device-select
1
1
1
0
0
A2
A1
A0
Table 12
bank-select
1
1
1
1
1
0
I
O
Table 13
blink-select
1
1
1
1
0
A
BF1
BF0
Table 14
Table 10.
Mode-set command bit description
Bit
Symbol
Value
Description
7 to 4
-
1100
fixed value
3E
display status
the possibility to disable the display allows implementation of
blinking under external control
0
disabled (blank)
1
enabled
2B
LCD bias configuration
0
1
⁄
3 bias
1
1
⁄
2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; 1 backplane
10
1:2 multiplex; 2 backplanes
11
1:3 multiplex; 3 backplanes
00
1:4 multiplex; 4 backplanes
Table 11.
Load-data-pointer command bit description
See Section 7.11.
Bit
Symbol
Value
Description
7
-
0
fixed value
6 to 0
P[6:0]
0000000 to
1001111
immediate data
7-bit binary value of 0 to 79, transferred to the data pointer to
define one of 80 display RAM addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com