Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8533
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8533 Datasheet HTML 12Page - NXP Semiconductors PCF8533 Datasheet HTML 13Page - NXP Semiconductors PCF8533 Datasheet HTML 14Page - NXP Semiconductors PCF8533 Datasheet HTML 15Page - NXP Semiconductors PCF8533 Datasheet HTML 16Page - NXP Semiconductors PCF8533 Datasheet HTML 17Page - NXP Semiconductors PCF8533 Datasheet HTML 18Page - NXP Semiconductors PCF8533 Datasheet HTML 19Page - NXP Semiconductors PCF8533 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
16 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
Once the display RAM of the first PCF8533 has been written, the second PCF8533 is
selected by sending the device-select command again. This time however the command
matches the second device's hardware subaddress. Next the load-data-pointer command
is sent to select the preferred display RAM address of the second PCF8533.
This last step is very important because during writing data to the first PCF8533, the data
pointer of the second PCF8533 is incremented. In addition, the hardware subaddress
should not be changed whilst the device is being accessed on the I2C-bus interface.
7.13 Output bank selector
The output bank selector (see Table 13) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
particular LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, 2, and then 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
The SYNC signal resets these sequences to the following starting points: bit 3 for
1:4 multiplex, bit 2 for 1:3 multiplex, bit 1 for 1:2 multiplex, and bit 0 for static mode.
The PCF8533 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. In the static drive mode, the bank-select command may request the contents of
row 2 to be selected for display instead of the contents of row 0. In the 1:2 mode, the
contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it, once it is assembled.
7.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command. The
input bank selector functions independently to the output bank selector.
7.15 Blinker
The PCF8533 has a very versatile display blinking capability. The whole display can blink
at a frequency selected by the blink-select command. Each blink frequency is a fraction of
the clock frequency. The ratio between the clock frequency and blink frequency depends
on the blink mode selected, as shown in Table 7.
The entire display can be blinked at a frequency other than the nominal blink frequency by
sequentially resetting and setting the display enable bit E at the required rate using the
mode-set command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com