Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2/F2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 22Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 23Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 24Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 25Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 26Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 27Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 28Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 29Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
26 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
11. Static characteristics
Table 16.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
2.5
-
6.5
V
VPOR
power-on reset voltage
1.0
1.3
1.6
V
IDD
supply current
fclk(ext) = 1536 Hz
[1][2]
--
20
μA
IDD(LCD)
LCD supply current
fclk(ext) = 1536 Hz
[1][3]
--
60
μA
Logic
VI
input voltage
VSS − 0.5 -
VDD + 0.5 V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC,
A0 to A2, SA0
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC,
A0 to A2, SA0
0.7VDD
-VDD
V
VO
output voltage
−0.5
-
VDD + 0.5 V
VOH
HIGH-level output voltage
0.8VDD
--
V
VOL
LOW-level output voltage
-
-
0.2VDD
V
IL
leakage current
on pins OSC, CLK, SCL, SDA,
A0 to A2, SA0; VI =VDD or VSS
−1-
+1
μA
IOL
LOW-level output current
output sink current; on pins
CLK, SYNC; VOL =0.4 V;
VDD =5V
1-
-
mA
IOH
HIGH-level output current
output source current; on pin
CLK; VOH = 4.6 V; VDD =5 V
1-
-
mA
CI
input capacitance
[4]
--
7
pF
I2C-bus
Input on pins SDA and SCL
VI
input voltage
VSS − 0.5 -
5.5
V
VIL
LOW-level input voltage
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-5.5
V
ILI
input leakage current
VI = VDD or VSS
−1-
+1
μA
CI
input capacitance
[4]
--
7
pF
IOL(SDA)
LOW-level output current on
pin SDA
VOL = 0.4 V; VDD = 5 V
3
-
-
mA
LCD outputs
Output pins BP0, BP1, BP2 and BP3
VBP
voltage on pin BP
Cbpl = 35 nF
[5]
−100
-
+100
mV
RBP
resistance on pin BP
VLCD = 5 V
[6]
-1.5
10
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com