Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2/F2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8533U/2/F2 Datasheet HTML 1Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 2Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 3Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 4Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 5Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 6Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 7Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 8Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
3 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
6.
Pinning information
6.1 Pinning
6.2 Pin description
Viewed from active side. For mechanical details, see Figure 25.
Fig 2.
Pinning of PCF8533
mgl759
PCF8533
0, 0
x
y
Table 3.
Pin description overview
Symbol
Pin
Type
Description
SDAACK
1
output
I2C-bus acknowledge
SDA
2 and 3
input/output
I2C-bus serial data
SCL
4 and 5
input
I2C-bus serial clock
CLK
6
input/output
clock input/output
VDD
7
supply
supply voltage
SYNC
8
input/output
cascade synchronization
OSC
9
input
oscillator select
A0, A1 and A2
10 to 12
input
subaddress
SA0
13
input
I2C-bus slave address
VSS
14
supply
ground supply voltage
VLCD
15
supply
LCD supply voltage
BP0, BP1, BP2 and BP3 17, 99, 16 and
98
output
LCD backplane output
S0 to S79
18 to 97
output
LCD segment output
D1, D2, D3, D4, D5, D6,
D7, D8,
-
dummy pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com