Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2/F2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 30Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 31Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 32Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 33Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 34Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 35Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 36Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 37Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
34 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
14. Bare die description
14.1 Gold bump hardness
[1]
Pressure of diamond head: 10 g to 50 g.
14.2 Alignment marks
14.3 Bump locations
Table 20.
Gold bump hardness
Type number
Min
Max
Unit[1]
PCF8533U/2/F2
60
120
HV
PCF8533U/2DA/2
35
80
HV
The positions of the alignment marks are shown in Figure 2 and Figure 25.
Fig 24. Alignment marks of PCF8533
Table 21.
Alignment mark locations
Symbol
X (
μm)
Y (
μm)
C1
2300.5
55.0
C2
−2320.2
107.0
F
−2208.3
−165.4
REF
REF
REF
C2
C1
F
mgl756
Table 22.
Bump locations
All x/y coordinates represent the position of the centre of each bump with respect to the center
(x/y = 0) of the chip; see Figure 25.
Symbol
Bump
X (
μm)
Y (
μm)
Description
SDAACK
1
−1079.20 −594.40
[1] I2C-bus acknowledge output
SDA
2
−839.20
−594.40
[1] I2C-bus serial data input
SDA
3
−759.20
−594.40
[1]
SCL
4
−599.20
−594.40
I2C-bus serial clock input
SCL
5
−519.20
−594.40
CLK
6
−414.80
−594.40
clock input/output
VDD
7
−284.80
−594.40
supply voltage
SYNC
84.20
−594.40
cascade synchronization input/output
OSC
9
119.20
−594.40
oscillator select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com