Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2/F2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8533U/2/F2 Datasheet HTML 1Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 2Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 3Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 4Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 5Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 6Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 7Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 8Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
4 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
7.
Functional description
The PCF8533 is a versatile peripheral device designed to interface any microprocessor or
microcontroller to a wide variety of LCDs. It can directly drive any static or multiplexed
LCD containing up to four backplanes and up to 80 segments.
The display configurations possible with the PCF8533 depend on the number of active
backplane outputs required. A selection of display configurations is given in Table 4; all of
these configurations can be implemented in the typical system shown in Figure 3.
The host microprocessor or microcontroller maintains the 2-line I2C-bus communication
channel with the PCF8533.
Biasing voltages for the multiplexed LCD waveforms are generated internally, removing
the need for an external bias generator. The internal oscillator is selected by connecting
pin OSC to VSS. The only other connections required to complete the system are the
power supplies (pins VDD, VSS and VLCD) and the LCD panel selected for the application.
7.1 Power-on reset
At power-on the PCF8533 resets to the following starting conditions:
1. All backplane outputs are set to VLCD.
2. All segment outputs are set to VLCD.
3. The selected drive mode is: 1:4 multiplex with 1
⁄
3 bias.
4. Blinking is switched off.
5. Input and output bank selectors are reset.
Table 4.
Selection of display configurations
Number of
8-segment alphanumeric
15-segment alphanumeric
Dot matrix
Backplanes
Elements
Digits
Indicator symbols
Characters
Indicator symbols
4
320
40
40
20
40
320 (4
× 80)
3
240
30
30
16
16
240 (3
× 80)
2
160
20
20
10
20
160 (2
× 80)
180
10
10
5
10
80 (1
× 80)
Fig 3.
Typical system configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
R
tr
2Cb
SDA
SDAACK
SCL
OSC
80 segment drives
4 backplanes
LCD PANEL
(up to 320
elements)
PCF8533
A0
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
mgl744
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com