Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2/F2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8533U/2/F2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2/F2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8533U/2/F2 Datasheet HTML 8Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 9Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 10Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 11Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 12Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 13Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 14Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 15Page - NXP Semiconductors PCF8533U/2/F2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
12 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
7.5 Oscillator
The internal logic and the LCD drive signals of the PCF8533 are timed by a frequency fclk,
which either is derived from the built-in oscillator frequency fosc or equals an external clock
frequency fclk(ext).
The clock frequency fclk determines the LCD frame frequency ffr (see Table 6) and is
calculated as follows:
7.5.1 Internal clock
The internal oscillator is enabled by connecting pin OSC to VSS. In this case the output
from pin CLK provides the clock signal for cascaded PCF8533s in the system.
7.5.2 External clock
Pin CLK is enabled as an external clock input by connecting pin OSC to VDD.
A clock signal must always be supplied to the device; removing the clock may freeze the
LCD in a DC state, which is not suitable for the liquid crystal.
7.6 Timing
The PCF8533 timing controls the internal data flow of the device. This includes the
transfer of display data from the display RAM to the display segment outputs. In cascaded
applications, the synchronization signal (SYNC) maintains the correct timing relationship
between the PCF8533s in the system. The timing also generates the LCD frame signal
(ffr) whose frequency is derived as an integer division of the clock frequency fclk (see
Table 6), applied to pin CLK from either the internal or an external clock.
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display register, the
LCD segment outputs and each column of the display RAM.
7.8 Segment outputs
The LCD drive section includes 80 segment outputs (S0 to S79) which must be connected
directly to the LCD. The segment output signals are generated in accordance with the
multiplexed backplane signals and with data residing in the display register. If less than
80 segment outputs are required, the unused segment outputs must be left open-circuit.
Table 6.
LCD frame frequency
Nominal clock frequency (Hz)
LCD frame frequency (Hz)
1536
64
f
clk
f
osc
64
--------
=
f
fr
f
clk
24
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com