Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2DA/2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8533U/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2DA/2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8533U/2DA/2 Datasheet HTML 13Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 14Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 15Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 16Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 17Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 18Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 19Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
17 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
An additional feature allows an arbitrary selection of LCD segments to be blinked in the
static and 1:2 drive modes. This is implemented without any communication overheads by
the output bank selector which alternates the displayed data between the data in the
display RAM bank and the data in an alternative RAM bank at the blink frequency. This
mode can also be implemented by the blink-select command.
In the 1:3 and 1:4 drive modes, where no alternate RAM bank is available, groups of LCD
elements can be blinked by selectively changing the display RAM data at fixed time
intervals.
Table 7.
Blink frequencies
Blink mode
Normal operating
mode ratio
Nominal blink frequency of fclk
typical fclk = 1.536 kHz
Unit
Off
-
blinking off
Hz
12
Hz
21
Hz
30.5
Hz
f
clk
768
---------
f
clk
1536
------------
f
clk
3072
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com