Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2DA/2 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8533U/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2DA/2 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8533U/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
27 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
[1]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[2]
For typical values, see Figure 18.
[3]
For typical values, see Figure 19.
[4]
Not tested, design specification only.
[5]
Cbpl = backplane capacitance.
[6]
Outputs measured individually and sequentially.
[7]
Csgm = segment capacitance.
Output pins S0 to S79
VS
voltage on pin S
Csgm = 5 nF
[7]
−100
-
+100
mV
RS
resistance on pin S
VLCD = 5 V
[6]
-
6.0
13.5
k
Ω
Table 16.
Static characteristics …continued
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =30 °C; 1:4 multiplex; VLCD = 6.5 V; fclk(ext) = 1.536 kHz; all RAM written with logic 1; no
display connected; I2C-bus inactive.
Fig 18. Typical IDD with respect to VDD
VDD (V)
26
5
34
001aal523
2
3
1
4
5
IDD
(
μA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com