Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2DA/2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF8533U/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2DA/2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF8533U/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 40Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 41Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 42Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 43Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
40 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
The orientation of the IC in a pocket is indicated by the position of the IC type name on the
die surface with respect to the chamfer on the upper left corner of the tray. Refer to
Figure 25 for the orientation and position of the type name on the die surface.
18. Abbreviations
Fig 27. Tray alignment of PCF8533
Table 23.
Tray dimensions
See Figure 26.
Symbol
Description
Value
A
pocket pitch in x direction
7.37 mm
B
pocket pitch in y direction
3.68 mm
C
pocket width in x direction
5.50 mm
D
pocket width in y direction
1.60 mm
E
tray width in x direction
50.8 mm
F
tray width in y direction
50.8 mm
N
number of pockets, x direction
6
M
number of pockets, y direction
12
mgl758
PCF8533
Table 24.
Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
ESD
ElectroStatic Discharge
HBM
Human Body Model
IC
Integrated Circuit
LCD
Liquid Crystal Display
MM
Machine Model
RAM
Random Access Memory
TTL
Transistor-Transistor Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com