Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2DA/2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8533U/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2DA/2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8533U/2DA/2 Datasheet HTML 19Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
23 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
[1]
The bank-select command has no effect in 1:3 or 1:4 multiplex drive modes.
[1]
Only normal blinking can be selected in multiplexer 1:3 or 1:4 drive modes.
[2]
For the blink frequency see Table 7
8.3 Display controller
The display controller executes the commands identified by the command decoder. It
contains the device’s status registers and co-ordinates their effects. The display controller
is also responsible for loading display data into the display RAM as required by the filling
order.
Table 12.
Device-select command bit description
See Section 7.12.
Bit
Symbol
Value
Description
7 to 3
-
11100
fixed value
2 to 0
A[2:0]
000 to 111
immediate data
3-bit binary value of 0 to 7, transferred to the subaddress
counter to define one of 8 hardware subaddresses
Table 13.
Bank-select command bit description[1]
See Section 7.10, Section 7.11, Section 7.13, Section 7.14 and Section 7.12.
Bit
Symbol
Value
Description
Static
1:2 multiplex
7 to 2
-
111110
fixed value
1I
Input bank selection: storage of arriving display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
0O
Output bank selection: retrieval of LCD display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
Table 14.
Blink-select command bit description
See Section 7.15.
Bit
Symbol
Value
Description
7 to 3
-
11110
fixed value
2A
blink mode selection[1]
0
normal blinking
1
blinking by alternating display RAM banks
1 to 0
BF[1:0]
blink mode selection[2]
00
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com