Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8533U/2DA/2 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8533U/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8533U/2DA/2 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8533U/2DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF8533U/2DA/2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
PCF8533_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 5 March 2010
28 of 45
NXP Semiconductors
PCF8533
Universal LCD driver for low multiplex rates
12. Dynamic characteristics
Tamb =30 °C; 1:4 multiplex; fclk(ext) = 1.536 kHz; all RAM written with logic 1; no display connected.
Fig 19. Typical IDD(LCD) with respect to VLCD
001aal524
VLCD (V)
39
7
5
8
12
4
16
20
IDD(LCD)
(
μA)
0
Table 17.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock
fclk(int)
internal clock frequency
[1][3] 960
1536
3046
Hz
fclk(ext)
external clock frequency
[1][3] 797
1536
3046
Hz
tclk(H)
HIGH-level clock time
130
-
-
μs
tclk(L)
LOW-level clock time
130
-
-
μs
tr
rise time
-
--ns
tf
fall time
-
-
-
ns
Synchronization: input pin SYNC
tPD(SYNC_N)
SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
1
-
-
μs
Outputs: pins BP0 to BP3 and S0 to S79
tPD(drv)
driver propagation delay
VLCD = 5 V
-
-
30
μs
I2C-bus: timing[2]; see Figure 21
Pin SCL
fSCL
SCL clock frequency
-
-
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
μs
tHIGH
HIGH period of the SCL clock
0.6
-
-
μs
Pin SDA
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com