Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101PE Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAS5101PE
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101PE Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAS5101PE Datasheet HTML 3Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 4Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 9Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 10Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PAS5101PE Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
Figure 3.2 Companding curves program by Compand_EnH and Compand_Sel
3.4. Power Down Mode
The PAS5101PE can be power down by setting register “SW_PwrDn” or by enable PWDN pin.
PAS5101PE supports two power down modes :
Software Power Down : Set register “SW_PwrDn” = 0x01 to power down all the internal
block except I2CTM.
Hardware Power Down : Pull PWDN pin to high to power down the chip. The chip will go
into standby mode.
3.5. Reset Mode
The PAS5101PE can be reset by setting “SW_Reset” or by enable Reset pin. PAS5101PE supports two
reset modes :
Software Reset : Set register “SW_Reset” = 0x01 to reset all the I2CTM registers. It’s only
reset the register value not reset full chip.
HardwareReset : Pull Reset pin to high to reset the full chip.
3.6. Window-of-Interest ( WOI )
Users are allowed to define window size as well as window location in PAS5101PE. The location of
window can be anywhere in the pixel array. Window size and window location is defined by register
“H_Start”, “V_Start”, “V_Size” and “H_Size”; The “H_Start” defines the starting column while
“V_Start” defines the starting rom of the window; The “H_Size” define the column width of the window
and “V_Size” defines the row depth of the window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com