Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101PE Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAS5101PE
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101PE Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAS5101PE Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 9Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 10Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 11Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 12Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PAS5101PE Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
3.7. Sub-Sampling
PAS5101PE can be programmed to output image in VGA、 QVGA and QQVGA size. In the VGA sub-
sampling mode, both vertical and horizontal pixels are sub-sampling at 1/2; In QVGA sub-sampling mode,
both vertical and horizontal pixels are sub-sampling at 1/4; While in QQVGA sub-sampling mode, sub-
sampling at 1/8. By programming Skip_Analog and Skip_Digital, The maximum sub-sampling rate is
1/32 ( Skip_Analog + Skip_Digital ).
3.7.1. Skip_Analog
Sub-sampling ( Skip_Analog ) to VGA ( 640x480 ) pixels readout ( With 4 dark lines ):
H_Start[9:0] = 0,
V_Start[8:0] = 0,
H_Size[9:0] = 1287,
V_Size[8:0]= 1035,
LPF[7:0] = 519,
Nov_Size_By4[7:0] = 63, Skip_Analog = 1 ( sub-sampling 1/2 )
Figure 3.6
Valid pixel = ( H_Size + 1 ) / Skip_Analog = 1288 / 2 = 644
Valid line = (((( V_Siez + 1 ) – 4 ) / Skip_Analog ) + 4) = (((( 1035 + 1 ) – 4 ) / 2 ) + 4 ) = 520
Figure 3.7 Inter-line timing of W.O.I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com