Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101PE Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAS5101PE
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101PE Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAS5101PE Datasheet HTML 11Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 12Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 13Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 14Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 15Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 16Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 17Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 18Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 19Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
PAS5101PE Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
15
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
5.
Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
-40℃ ~ +125℃
VDDD
3V
VDDA
3V
VDDMD
4V
Supply Voltage ( with respect to ground )
VDDMA
4V
All Input / Output Voltage ( with respect to ground )
-0.3V to VDDMD + 1V
Lead temperature, Surface-mount process
+230℃
ESD rating, Human Body model
2000V
DC Electrical Characteristics ( Ta = 0℃ ~ 70℃ )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Type : POWER
VDDA
DC supply voltage – Analog
2.4
2.5
2.6
V
VDDD
DC supply voltage – Digital
1.8
V
VDDMD
DC supply voltage – I/O
2.4
3.3
V
IDD
Operating Current ( ~ 15fps / 2.5v )
20
mA
IPWDN
Power Down Current
10
μ
A
Type : IN & I/O Reset and System Clock
VIH
Input Voltage HIGH
0.7 x
VDDMD
V
VIL
Input Voltage LOW
0.3 x
VDDMD
V
CIN
Input Capacitor
10
pF
Type : OUT & I/O for PX 0 : 7, PXCLK, H/VSYNC & SDA, load 10pF, 1.2KΩ, 2.5V
VOH
Output Voltage HIGH
0.9 x
VDDMD
V
VOL
Output Voltage LOW
0.1 x
VDDMD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com