Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101PE Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS5101PE
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101PE Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS5101PE Datasheet HTML 1Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 2Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 3Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 4Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PAS5101PE Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
PAS5101PE CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
General Description
The PAS5101PE is a highly integrated CMOS active-pixel image sensor that has resolution of 1280( H ) x
1024 ( V ). To have an excellent image quality, the PAS5101PE output 10-bits RGB raw data though a parallel
data bus. It is available in 48-pin LCC.
The PAS5101PE can be programmed to set the exposure time for different luminance condition via I2CTM
serial control bus. By programming the internal register sets, it performs on-chip frame rate adjustment, offset
correction DAC, programmable gain control, 10-bits ADC, 10-bits output companding, interpolated sub-
sampling and defect compensation.
Key Specification
Supply Voltage
2.5v ~ 3.3v
Resolution
1280 ( H ) x 1024 ( V )
Array Diagonal
5.9mm ( ~1/3” Optic )
Pixel Size
3.6μm x 3.6μm
Max. Frame Rate
~15 fps @ 1.3Mega
Max. System Clock
Up to 48MHz
Max. Pixel Clock
Up to 24MHz
Color Filter
RGB Bayer Pattern
Exposure Time
~ Frame time to Line time
Scan Mode
Progressive
Sensitivity
TBD
S/N Ratio
TBD
Chief Ray Angle
20° ~ 24°
Package Type
48-pin LCC
Features
1.3Mega resolution, ~1/3” Lens.
Bayer RGB color filter array.
10-bits parallel RGB raw data output.
On-Chip 10-bits pipeline A/D converter.
On-Chip programmable gain amplifier
4-bits color gain amplifier.
4-bits global gain amplifier.
Digital gain stage.
Continuous variable frame time.
Continuous variable exposure time.
I2CTM interface.
20mA power dissipation ( 15fps / 2.5v ).
< 10uA low power-down dissipation.
Window-of-Interest (WOI).
Sub-sampling.
Defect compensation.
Lens shading compensation.


Similar Part No. - PAS5101PE

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS5101CS PIXART-PAS5101CS Datasheet
1Mb / 19P
CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
More results

Similar Description - PAS5101PE

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAS5101CS PIXART-PAS5101CS Datasheet
1Mb / 19P
CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
CMOS VGA DIGITAL IMAGE SESNSOR
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com