Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS5101PE Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAS5101PE
Description  CMOS 1.3MEGA DIGITAL IMAGE SESNSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS5101PE Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAS5101PE Datasheet HTML 1Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 2Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 3Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 4Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 5Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 6Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 7Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 8Page - Pixart Imaging Inc. PAS5101PE Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PAS5101PE Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
v1.0 2005/4/27
Pin No.
Name
Type
Description
1
VDDMA
PWR
Analog main power, 2.5V.
2-3
NC
4
HSYNC
OUT
Horizontal synchronization signal.
5-8
NC
9
VSYNC
OUT
Vertical synchronization signal.
10
VDDMD
PWR
Digital main power, 2.5~3.3V.
11
PXCLK
OUT
Pixel clock output.
12
RESET
IN
Resets all registers to default values ( chip reset if high .)
13
SYSCLK
IN
Master clock input.
14
PX9
OUT
Digital data out.
15
VSSD
PWR
Digital ground.
16
PX7
OUT
Digital data out.
17-21
NC
22
PX8
OUT
Digital data out.
23
VDDD
PWR
Nc, Internal Regulator 1.8V
24
PX6
OUT
Digital data out.
25
PX0
OUT
Digital data out.
26
PX5
OUT
Digital data out.
27
PX1
OUT
Digital data out.
28-32
NC
33
PX4
OUT
Digital data out.
34
PX3
OUT
Digital data out.
35
PX2
OUT
Digital data out.
36
SCL
IN
I2C clock.
37
SDA
I/O
I2C data. Internal pull high resister is 10KΩ.
38
NC
39
VSSA
GND
Analog ground.
40-44
NC
45
PWDN
IN
Power Down (chip power down if high ).
46
VDDA
PWR
Analog power, 2.5V.
47
VREF
ANA
Internal voltage reference.
48
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com