Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3203DI Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAW3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3203DI Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAW3203DI Datasheet HTML 1Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 2Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PixArt Imaging Inc.
PAW3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.3 April. 2008
3.3 DC Electrical Characteristics
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, Vdd1 = 1.8 V, FCLK =
27 MHz
Symbol Parameter
Min.
Typ. Max. Unit
Notes
Type: Mouse Power
IDD
Supply Current
Mouse Moving (Normal)
5
mA
IDD
Supply Current
Mouse Not Moving (Sleep1)
800
uA
IDD
Supply Current
Mouse Not Moving (Sleep2)
150
uA
Type: BL, BM, BR, B4, B5, RFID
RPH
Internal Pull-up Resistance
50
Kohm
Type: ZY1, ZY2
RPD
Internal Pull-down Resistance
50
Kohm
Type: ISCK, ISDA
RPH
Internal Pull-up Resistance
5
Kohm
Type: BL, BM, BR, B4, B5
VIH
Input High Voltage
1.3
V
VIL
Input Low Voltage
0.5
V
Type: LED
VOL
Output Voltage Low
300
mV @I OL = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com