Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3203DI Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAW3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3203DI Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAW3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PixArt Imaging Inc.
PAW3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.3 April. 2008
5. Referencing Application Circuit
5.1 1.8V Application Circuit (with Red LED)
RFEN
#2. EEPROM & LED-POWER Circuit
Z1
Q3
3904
BAT_1.5V
X1
27.042MHZ
RFID
VCC_1.8V
RFU
U3
24AA02
A0
A1
A2
VSS SDA
SCL
WP
VCC
C24
0.1uF
VIN PAD
U5
ELM9818
BAT_3.0V
Z2
L2
220uH
Note1: Please reserve C19, SW7 for future use
LKEY
RFosc
BatDetect
* C19
VR1
100K
SW3
ISCK
C10
0.1uF
R3 10K
BAT_3.0V
SW6
A
VCC_1.8V
RFcarrier
Optional power source: A or B
#3. RF TX Circuit
RFDATA
C31
100uF
ISDA
+
C23
1uF
R1
170K
C32
22uF
Z1
Z2
Q1
2N3906
ISDA
C30
47uF
Q2
3904
RFU
SW5
VCC_1.8V
B4
C18 10pF
VR2
100K
+
C8
1uF
LKEY
D3
1N5819
A. DC/DC Converter
VCC_1.8V
BAT_1.5V
R4
10R
ISCK
* SW7
R6
U4
PAW3203DI
20
17
23
2
24
15
6
3
21
7
14
16
8
13
1
19
10
22
4
18
9
5
11
12
BR
RFID
RFU
ZY2
BATLow
ISCK
OSCOUT
BL
BM
OSCIN
NC
ISDA
VDDD
B5
ZY1
RFEN
VDD
NC
B4
RFDATA
VSS
LED
VDDA
VREF
C9
0.1uF
Q1
2N3906
RFcarrier
VCC_1.8V
C12
100pF
+
C11
1uF
L1 200uH
C4
47uF
VCC_1.8V
R8
100K
SW2
C6
22pF
RKEY
SW1
RFEN
B5
R5
10K
R7
100K
ENSW1
ENCODER
Z2
Z1
COM
C22
0.1uF
+
C21
10uF
BatDetect
U1
ELM9318
VOUT
SW
B. Regulator
VCC_1.8V
LED_2.7V
MKEY
RFDATA
R2
470K
+
C20
1uF
RFID
D1
LED_2.7V
RFosc
D2
1N5819
VCC_1.8V
BAT_1.5V
B4
SW4
#1. Battery Power Circuit
U2
ELM9327
VOUT
SW
C33
22uF
#4. Sensor Circuit
B5
BatDetect
C5
0.1uF
MKEY
RKEY
C3
47uF
C13
100pF
Figure 6. Application Circuit for 1.8V (with Red LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com