Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3203DI Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAW3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3203DI Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAW3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 11Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 12Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PixArt Imaging Inc.
PAW3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.3 April. 2008
5.3 2.7V Application Circuit (with Red LED)
VCC_2.7V
SW1
C22
0.1uF
SW4
VCC_2.7V
B4
D1
#2. EEPROM Circuit
RFcarrier
RFcarrier
* C19
RFU
+
C21
10uF
#4. Sensor Circuit
+
C23
1uF
Q3
3904
C24
0.1uF
SW5
VCC_2.7V
RFID
R4
10R
LED_2.7V
L1
200uH
VCC_2.7V
Z1
C5
0.1uF
B5
LKEY
BAT(1.5V)
U1
ELM9327
VOUT
SW
X1
27.042MHZ
RFDATA
RKEY
LED_2.7V
Z2
R2
10K
+
C2
47uF
VCC_2.7V
ISCK
BatDetect
RFU
C10
0.1uF
Z2
RKEY
RFDATA
+
C20
1uF
RFEN
SW2
LKEY
C18 10pF
MKEY
C9
0.1uF
SW3
R1
DC/DC Converter
C13
100pF
Q1
2N3906
RFID
+
C11
1uF
VR2
500K
RFosc
BatDetect
U4
PAW3203DI
20
17
23
2
24
15
6
3
21
7
14
16
8
13
1
19
10
22
4
18
9
5
11
12
BR
RFID
RFU
ZY2
BATLow
ISCK
OSCOUT
BL
BM
OSCIN
NC
ISDA
VDDD
B5
ZY1
RFEN
VDD
NC
B4
RFDATA
VSS
LED
VDDA
VREF
MKEY
+
C1
47uF
R5
100K
VR1
500K
C6
22pF
ISCK
* SW7
Z1
ENSW1
ENCODER
Z2
Z1
COM
U3
24AA02
A0
A1
A2
VSS SDA
SCL
WP
VCC
D2
1N5819
ISDA
RFEN
#1. Battery Power Circuit
Note1: Please reserve C19, SW7 for future use
Q2
3904
ISDA
+
C8
1uF
C12
100pF
B5
R3 10K
SW6
#3. RF TX Circuit
VCC_2.7V
RFosc
BAT(1.5V)
B4
Figure 8. Application Circuit for 2.7V (with Red LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com