Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3203DI Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAW3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3203DI Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAW3203DI Datasheet HTML 1Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 2Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 3Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PixArt Imaging Inc.
PAW3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.3 April. 2008
2. Block Diagram and Operation
CMOS IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
WIRELESS MOUSE CONTROLLER
LED
DRIVER
RFDATA
RFEN
OSCILLATOR
BR
B4
BL
BM
LED
VREF
VDDA
VDD
OSCIN
OSCOUT
RF
INTERFACE
BUTTON
CRYSTAL
1.8V
POWER
B5
Z-AXIS
COUNTER
ZY1
ZY2
WHEEL
VSS
VDDD
EEPROM
CONTROLLER
ISCK
ISDA
RFID
BATTERY
DETECTION
BATLow
Figure 3. Block Diagram
The PAW3203DI is a 27 MHz wireless CMOS optical mouse single chip that serves as a non-mechanical motion
estimation engine for implementing a wireless mouse. PAW3203DI supports X, Y, Z three axes, and L, R, M,
B4, and B5 five buttons.
PAW3203DI is in a 24-pin optical package and comes with the resolution of 800 counts per inch (CPI) and the
rate of motion up to 28 inches per second. PAW3203DI embedded mouse controller in it so that no additional
controller and its component needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com