Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAW3203DI Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAW3203DI
Description  WIRELESS OPTICAL MOUSE SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3203DI Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAW3203DI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 9Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 10Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 11Page - Pixart Imaging Inc. PAW3203DI Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PixArt Imaging Inc.
PAW3203DI
Wireless Optical Mouse Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.3 April. 2008
5.2 1.8V Application Circuit (with IR LED)
BAT_3.0V
LKEY
SW6
IR_1.8V
L2
220uH
C24
0.1uF
R7
100K
RFEN
RFosc
RFosc
B. Regulator
R1
170K
C10
0.1uF
C6
22pF
IR_1.8V
R5
10K
RFU
VR1
100K
VCC_1.8V
VCC_1.8V
RFID
D2
1N5819
C22
0.1uF
VCC_1.8V
RFcarrier
ISDA
#1. Battery Power Circuit
VIN PAD
U5
ELM9818
#2. EEPROM Circuit
Z2
Q1
2N3906
MKEY
+
C20
1uF
#3. RF TX Circuit
ISDA
* SW7
Z2
R3 10K
#4. Sensor Circuit
SW2
BAT_1.5V
SW5
Q1
2N3906
C13
100pF
A. DC/DC Converter
RFDATA
+
C21
10uF
+
C8
1uF
SW3
+
C30
47uF
VR2
100K
D1
RFcarrier
+
C33
22uF
RFDATA
LKEY
VCC_1.8V
X1
27.042MHZ
BatDetect
RKEY
RFID
BAT_1.5V
U4
PAW3203DI
20
17
23
2
24
15
6
3
21
7
14
16
8
13
1
19
10
22
4
18
9
5
11
12
BR
RFID
RFU
ZY2
BATLow
ISCK
OSCOUT
BL
BM
OSCIN
NC
ISDA
VDDD
B5
ZY1
RFEN
VDD
NC
B4
RFDATA
VSS
LED
VDDA
VREF
Optional power source: A or B
U1
ELM9318
VOUT
SW
VCC_1.8V
C12
100pF
BatDetect
SW1
C9
0.1uF
+
C11
1uF
R8
100K
U3
24AA02
A0
A1
A2
VSS SDA
SCL
WP
VCC
BatDetect
R2
470K
B4
B5
BAT_3.0V
SW4
VCC_1.8V
IR_1.8V
RFEN
ISCK
+
C31
100uF
VCC_1.8V
RKEY
+
C23
1uF
ENSW1
ENCODER
Z2
Z1
COM
Z1
+
C32
22uF
R6
Z1
Q3
3904
C18 10pF
B5
B4
C5
0.1uF
RFU
R4
10R
Q2
3904
* C19
MKEY
Note1: Please reserve C19, SW7 for future use
VCC_1.8V
ISCK
Figure 7. Application Circuit for 1.8V (with IR LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com