Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7937 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7937
Description  Built-in OVP White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7937 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7937 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT7937
Rev 1.10
5
January 18, 2010
Component Selection
· Setting the LED Current
The step-up converter regulates the LED current by
regulating the voltage across the current sense resis-
tor, RFB. To ensure the generation of accurate LED
currents, it is recommended that a precision resistor is
used for RFB. The voltage across the sense resistor is
regulated to the internal reference voltage of 95mV.
The LED current is calculated using the following
equation:
I
V
R
LED
FB
FB
Where
VFB = Feedback voltage is 95mV
· Inductor Selection
The selected inductor must have a saturation current
greater than the maximum peak current of the step-up
converter. A recommended value of inductor for 3 to 6
white LED applications is 4.7
mHto22mH. For good ef-
ficiency the inductor should have low core loss and
low DCR (DC Resistance).
The peak inductor current is calculated using the
following equation:
Where
VO = Output Voltage
Vi = Input Voltage
IO = Output Current
h = Efficiency
L = Inductance
FS = Switching Frequency is 1.2MHz
· Diode Selection
The diode must have a rating greater than the output
voltage and output current. In switching applications
both forward voltage drop and diode capacitance are
important considerations.
A Schottky diode is used due to its low forward voltage
drop and fast switching speeds which improves effi-
ciency. The Schottky diode has average current of IO,
and a peak current which is the same as the inductor
¢s
peak current and a voltage rating at least 1.5 times the
output voltage. A recommended Schottky diode type
is the 1N5819.
· Capacitor Selection
A low ESR (Equivalent Series Resistance) capacitor
should be used for the input/output capacitors to mini-
mize ripples. Both X5R and X7R types are suitable
due to their wider voltage and temperature ranges. In-
put and output ceramic capacitors of 1
mF are recom-
mended for HT7937 applications.
The output ripple voltage is calculated as the following
equation:
Where
IL(PEAK) = Peak Inductor Current
CO(ESR) = Output Capacitor
¢s Equivalent Series
Resistance
IO = Output Current
VO = Output Voltage
Vi = Input Voltage
CO = Output Capacitance
FS = Switching Frequency is 1.2MHz
Layout Considerations
Circuit board layout is a very important consideration for
switching regulators if they are to function properly. Poor
circuit layout may result in related noise problems.
In order to minimise EMI and switching noise, please fol-
low the guidelines below:
· All tracks should be as wide as possible.
· The input and output capacitors, C1 and C2, should
be placed close to the VIN, VOUT and GND pins.
· The Schottky diode, D1, and inductor, L1, must all be
placed close to the SW pin.
· Feedback resistor, R1, must be placed close to the FB
and GND pins.
· A full ground plane is always helpful for better EMI
performance.
A recommended PCB layout with component locations
is shown below.
Top Layer
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com