Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7937 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7937
Description  Built-in OVP White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7937 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7937 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Circuits
6 WLEDs Application Circuit
Dimming Control with a PWM Signal
Dimming Control Using a DC Voltage
Dimming Control Using a Filter PWM Signal
HT7937
Rev 1.10
9
January 18, 2010
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
V I N
C 2
1 m F
R F B
4 . 7 W
U p t o
6 W L E D s
2 0 m A
N o t e : " L " S R 0 6 0 2 1 0 0 M L B
( A B C T a i w a n E l e c t r o n i c s C o r p . )
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
C 2
1 m F
R F B
4 . 7 W
V I N
U p t o
6 W L E D s
P W M
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
C 2
1 m F
R F B
4 . 7 W
V I N
1 k W
5 1 k W
R 1
R 2
V D C
0 V ~ 5 V
U p t o
6 W L E D s
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
C 2
1 m F
R F B
4 . 7 W
V I N
1 k W
5 1 k W
R 1
R 2
P W M
R 3
5 . 1 k W
C 3
0 . 1 m F
U p t o
6 W L E D s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com