Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7937 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7937
Description  Built-in OVP White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7937 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7937 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignment
Pin Description
Pin No.
Pin Name
Description
1
SW
Switching pin
2
GND
Ground pin
3FB
Output voltage sense node. Connect the cathode of the LED to this pin. A resistor from this
pin to ground sets the LED current. Internally compares to 95mV (Typ.).
4
SHDN
Shutdown device pin. Connect to 1.5V or higher to enable device (ON), 0.3V or lower to dis-
able device (OFF).
5
OVP
For over voltage protection connect to the output.
6
VIN
Input voltage pin. 2.5V to 5.5V for internal circuitry.
Absolute Maximum Ratings
Input Voltage..............................................................6V
SW Voltage..............................................................36V
FB Voltage .................................................................6V
SHDN ........................................................................6V
OVP Voltage ............................................................36V
Operating Temperature Range ...............
-40°Cto85°C
Maximum Junction Temperature..........................125
°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT7937
Rev 1.10
2
January 18, 2010
S W
G N D
T o p V i e w
V I N
S H D N
F B
1
2
3
4
6
5
O V P
S O T 2 3 - 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com