Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7937 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7937
Description  Built-in OVP White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7937 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7937 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HT7937
Rev 1.10
4
January 18, 2010
Functional Description
· Shutdown
The shutdown pin, SHDN, must not be allowed to
float. When the SHDN pin voltage is taken below 0.3V,
the internal MOSFET, voltage reference, error ampli-
fier, comparators and biasing circuitry will all be
switched off reducing the quiescent supply current to
less than 1
mA. If the SHDN pin has a value greater
than 1.5V, then the device will be fully enabled and op-
erational. This pin also can be used as a PWM signal
from 100Hz to 1kHz to allow brightness control.
· Over voltage protection - OVP
With an open circuit output, such as when no LEDs
are connected, the FB pin will be pulled down to
ground via the sense resistor RFB. As the device will
now react by trying to increase the output voltage by
generating a maximum duty cycle signal, this may
cause the SW pin to exceed its maximum rated volt-
age, which may damage the internal N-MOS switch-
ing transistor.
The OVP function is designed to prevent damage to
the internal NMOS switching transistor. When the out-
put voltage rises above the OVP threshold voltage,
typically 28V, the converter will clamp the output volt-
age to this level. When the output voltage returns to a
value below the OVP threshold, it will automatically re-
sume normal switching operation.
· Dimming control
There are three methods to control the LEDs bright-
ness as listed below:
¨ A PWM signal on the SHDN pin
A PWM signal is applied to the SHDN pin as shown
in Figure 1.
The magnitude of the PWM signal should be higher
than the enable voltage of the SHDN pin, the LEDs
operate with either zero or full current. The average
LED current is proportional to the duty cycle of the
applied PWM signal with a duty cycle increase re-
sulting in higher LEDs brightness. Typical PWM fre-
quencies should be between 100Hz and 1kHz.
¨ A DC signal on the FB pin
This method of dimming control uses a DC voltage
circuit as shown in Figure 2.
The LED brightness is directly proportional to the
LED current which is given by the following equation:
Where
VFB = Feedback voltage is 95mV
VDC = DC voltage
R1 and R2 >> RFB
¨ A filtered PWM signal on the FB pin
For frequencies greater than 1kHz, dimming can be
implemented by using the circuit shown in Figure 3.
The PWM control circuitry is connected to the FB
pin. Reducing the duty cycle on the PWM signal re-
sults in increased LEDs brightness levels. The LED
brightness is directly proportional to the LED cur-
rent which is given by the following equation:
Where
VFB = Feedback voltage is 95mV
VPWM = PWM high level voltage
D = PWM duty cycle
R1 and R2 >> RFB
PWM frequency >>
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
C 2
1 m F
R F B
4 . 7 W
V I N
P W M
f = 1 0 0 H z ~ 1 k H z
U p t o
6 W L E D s
Figure 1. Dimming Control with PWM Signal
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
C 2
1 m F
R F B
4 . 7 W
V I N
1 k W
5 1 k W
R 1
R 2
V D C
U p t o
6 W L E D s
V F B
Figure 2. Dimming Control Using a DC Voltage
H T 7 9 3 7
V I N
S H D N
G N D
S W
O V P
F B
1 0 m H
L
C 1
1 m F
1 N 5 8 1 9
D 1
C 2
1 m F
R F B
4 . 7 W
V I N
1 k W
5 1 k W
R 1
R 2
V P W M
R 3
5 . 1 k W
C 3
0 . 1 m F
U p t o
6 W L E D s
V F B
0 V
Figure 3. Dimming Control Using a Filter PWM Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com