Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7937 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7937
Description  Built-in OVP White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7937 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7937 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7937 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics
HT7937
Rev 1.10
6
January 18, 2010
60
65
70
75
80
85
90
0
5
10
15
20
LED Current (mA)
VIN=3V
VIN=3.5V
VIN=4V
L: 10uH, SR0602 10ML (ABC Electronics Corp.)
D1: 1N5819
C1, C2: 1uF
VIN=5V
5 WLEDs Efficiency vs. LED Current
60
65
70
75
80
85
90
0
5
10
15
20
LED Current (mA)
VIN=3V
VIN=3.5V
VIN=4V
VIN=5V
L: 10uH, SR0602 10ML (ABC Electronics Corp.)
D1: 1N5819
C1, C2: 1uF
3 WLEDs Efficiency vs. LED Current
85
87
89
91
93
95
97
99
101
103
105
-45
-30
-15
0
15
30
45
60
75
90
Temperature (
)
3WLEDs, VIN=3V
L: 10uH, SR0602 10ML(ABC Electronics Corp.)
D1: 1N5819
C1, C2: 1uF
Temperature VS Reference Voltage
85
86
87
88
89
90
91
92
93
94
95
-45
-30
-15
0
15
30
45
60
75
90
Temperature (
)
3WLEDs, VIN=3V
L: 10uH, SR0602 10ML(ABC Electronics Corp.)
D1: 1N5819
C1, C2: 1uF
Temperature VS Switching Duty Cycle
85
87
89
91
93
95
97
99
101
103
105
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
3WLEDs, VIN=3V
L: 10uH, SR0602 10ML(ABC Electronics Corp.)
D1: 1N5819
C1, C2: 1uF
Input Voltage VS Reference Voltage
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-45
-30
-15
0
15
30
45
60
75
90
Temperature (
)
3WLEDs, VIN=3V
L: 10uH, SR0602 10ML(ABC Electronics Corp.)
D1: 1N5819
C1, C2: 1uF
Temperature VS Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com