Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2056AFJ Datasheet(PDF) 13 Page - Rohm

Part # BD2056AFJ
Description  2ch Small Current Output USB High Side Switch ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2056AFJ Datasheet(HTML) 13 Page - Rohm

Back Button BD2056AFJ Datasheet HTML 6Page - Rohm BD2056AFJ Datasheet HTML 7Page - Rohm BD2056AFJ Datasheet HTML 8Page - Rohm BD2056AFJ Datasheet HTML 9Page - Rohm BD2056AFJ Datasheet HTML 10Page - Rohm BD2056AFJ Datasheet HTML 11Page - Rohm BD2056AFJ Datasheet HTML 12Page - Rohm BD2056AFJ Datasheet HTML 13Page - Rohm BD2056AFJ Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
13/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
2
0
4
6
A
F
J
-
E
2
Part No.
Part No.
2046A
2056A
Package
FJ: SOP-J8
Packaging and forming specification
E2: Embossed tape and reel
(SOP-J8)
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
2500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SOP-J8
4
° +6°
−4°
0.2
±0.1
234
5
6
7
8
1
4.9
±0.2
0.545
(MAX 5.25 include BURR)
0.42
±0.1
1.27
0.1 S
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com