Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2056AFJ Datasheet(PDF) 1 Page - Rohm

Part # BD2056AFJ
Description  2ch Small Current Output USB High Side Switch ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2056AFJ Datasheet(HTML) 1 Page - Rohm

  BD2056AFJ Datasheet HTML 1Page - Rohm BD2056AFJ Datasheet HTML 2Page - Rohm BD2056AFJ Datasheet HTML 3Page - Rohm BD2056AFJ Datasheet HTML 4Page - Rohm BD2056AFJ Datasheet HTML 5Page - Rohm BD2056AFJ Datasheet HTML 6Page - Rohm BD2056AFJ Datasheet HTML 7Page - Rohm BD2056AFJ Datasheet HTML 8Page - Rohm BD2056AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Power Management Switch IC Series for PCs and Digital Consumer Product
2ch Small Current Output
USB High Side Switch ICs
BD2046AFJ, BD2056AFJ
Description
High side switch for USB is a high side switch having over current protection used in power supply line of universal serial bus
(USB). Its switch unit has two channels of N-channel power MOSFET. And, over current detection circuit, thermal shutdown
circuit, under voltage lockout and soft start circuit are built in.
Features
1) Dual N-MOS high side switch
2) Continuous current load 0.25A
3) Control input logic
Active-Low : BD2046AFJ
Active-High : BD2056AFJ
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when switch off
10) Flag output delay filter built in
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD2046AFJ
BD2056AFJ
Continuous current load (A)
0.25
0.25
Over current detection (A)
0.5
0.5
Control input logic
Low
High
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
-0.3 to 6.0
V
Enable voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
°C
Power dissipation
Pd
560
*1
mW
*1
In the case of exceeding Ta = 25°C, 4.48mW should be reduced per 1°C.
*
This chip is not designed to protect itself against radioactive rays.
Operating conditions
Parameter
Symbol
Limits
Unit
Operating voltage
VIN
2.7 to 5.5
V
Operating temperature
TOPR
-40 to 85
°C
Continuous output current
ILO
0 to 250
mA
No.09029JAT05


Similar Part No. - BD2056AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2056AFJ ROHM-BD2056AFJ Datasheet
394Kb / 14P
2ch High Side Switch ICs for USB Devices and Memory Cards
BD2056AFJ-E2 ROHM-BD2056AFJ-E2 Datasheet
1,011Kb / 27P
0.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2056AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
1ch Small Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
1ch Large Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F ROHM-BD6512F_11 Datasheet
413Kb / 21P
2ch High Side Switch ICs for USB Devices and Memory Cards
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
High Side Switch ICs 2ch
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
2ch High Side Switch ICs for USB Devices and Memory Cards
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com