Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2056AFJ Datasheet(PDF) 7 Page - Rohm

Part # BD2056AFJ
Description  2ch Small Current Output USB High Side Switch ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2056AFJ Datasheet(HTML) 7 Page - Rohm

Back Button BD2056AFJ Datasheet HTML 3Page - Rohm BD2056AFJ Datasheet HTML 4Page - Rohm BD2056AFJ Datasheet HTML 5Page - Rohm BD2056AFJ Datasheet HTML 6Page - Rohm BD2056AFJ Datasheet HTML 7Page - Rohm BD2056AFJ Datasheet HTML 8Page - Rohm BD2056AFJ Datasheet HTML 9Page - Rohm BD2056AFJ Datasheet HTML 10Page - Rohm BD2056AFJ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
7/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block diagram
Gate
Logic1
OCD1
Charge
Pump1
TSD1
UVLO
Charge
Pump2
OCD2
Gate
Logic2
TSD2
/EN1
EN1
IN
/EN2
EN2
GND
/OC1
OUT1
OUT2
/OC2
Delay
Delay
1
2
8
7
GND
IN
/OC1
OUT1
3
/EN1
(EN1)
4
6
5
OUT2
/OC2
Top View
/EN2
(EN2)
Fig.36 Block diagram
Fig.37 Pin Configuration
Pin description
○
BD2046AFJ
Pin No.
Symbol
I / O
Pin function
1
GND
I
Ground.
2
IN
I
Power supply input.
Input terminal to the switch and power supply input terminal of the internal circuit.
3, 4
/EN
I
Enable input.
Switch on at Low level.
High level input > 2.0V, Low level input < 0.8V.
5, 8
/OC
O
Error flag output. Low at over current, thermal shutdown.
Open drain output.
6, 7
OUT
O
Switch output.
○
BD2056AFJ
Pin No.
Symbol
I / O
Pin function
1
GND
I
Ground.
2
IN
I
Power supply input.
Input terminal to the switch and power supply input terminal of the internal circuit.
3, 4
EN
I
Enable input. Switch on at High level.
High level input > 2.0V, Low level input < 0.8V
5, 8
/OC
O
Error flag output. Low at over current, thermal shutdown.
Open drain output.
6, 7
OUT
O
Switch output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com