Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2056AFJ Datasheet(PDF) 3 Page - Rohm

Part # BD2056AFJ
Description  2ch Small Current Output USB High Side Switch ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2056AFJ Datasheet(HTML) 3 Page - Rohm

  BD2056AFJ Datasheet HTML 1Page - Rohm BD2056AFJ Datasheet HTML 2Page - Rohm BD2056AFJ Datasheet HTML 3Page - Rohm BD2056AFJ Datasheet HTML 4Page - Rohm BD2056AFJ Datasheet HTML 5Page - Rohm BD2056AFJ Datasheet HTML 6Page - Rohm BD2056AFJ Datasheet HTML 7Page - Rohm BD2056AFJ Datasheet HTML 8Page - Rohm BD2056AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
3/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
A
1µF
VEN
Measurement circuit
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
1µF
VEN
RL
CL
RL
CL
Operating current
EN, /EN input voltage, Output rise, fall time
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
1µF
VEN
IOUT
10k
10k
IOUT
GND
IN
EN1
EN2
/OC1
OUT1
OUT2
/OC2
VDD
VEN
1µF
VEN
IOUT
IOUT
VDD
ON resistance, Over current detection
OC output LOW voltage
Fig.1 Measurement circuit
Timing diagram
○
BD2046AFJ
○
BD2056AFJ
TON2
50%
TON1
10%
90%
50%
90%
10%
TOFF1
VOUT
VEN
TOFF2
TON2
50%
TON1
10%
90%
50%
90%
10%
TOFF1
VOUT
VCTRL
TOFF2
Fig.2 Timing diagram
Fig.3 Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com