Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD2056AFJ Datasheet(PDF) 6 Page - Rohm

Part # BD2056AFJ
Description  2ch Small Current Output USB High Side Switch ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2056AFJ Datasheet(HTML) 6 Page - Rohm

Back Button BD2056AFJ Datasheet HTML 2Page - Rohm BD2056AFJ Datasheet HTML 3Page - Rohm BD2056AFJ Datasheet HTML 4Page - Rohm BD2056AFJ Datasheet HTML 5Page - Rohm BD2056AFJ Datasheet HTML 6Page - Rohm BD2056AFJ Datasheet HTML 7Page - Rohm BD2056AFJ Datasheet HTML 8Page - Rohm BD2056AFJ Datasheet HTML 9Page - Rohm BD2056AFJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
6/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Waveform data
Regarding the output rise/fall and over current detection characteristics of BD2046AFJ, refer to the characteristic of BD2056AFJ.
TIME(1ms/div.)
Fig.26 Output rise characteristic
(BD2056AFJ)
V/EN
(5V/div.)
V/OC
(5V/div.)
VIN=5V
RL=10Ω
CL=100uF
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1ms/div.)
Fig.27 Output fall characteristic
(BD2056AFJ)
TIME(20ms/div.)
Fig.29 Over current response
Ramped load
(BD2056AFJ)
TIME (2ms/div.)
Fig.31 Over current response
Enable to short circuit
(BD2056AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME (1ms/div.)
Fig.32 Over current response
Enable to short circuit
(BD2056AFJ)
TIME (500ms/div.)
Fig.33 Over current response
Enable to short circuit
(BD2056AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME (1s/div.)
Fig.34 UVLO response
Increasing VIN
(BD2056AFJ)
VIN=5V
VIN=5V
CL=100uF
V/EN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
CL=100uF
Thermal Shutdown
V/EN
(1V/div.)
VIN=5V
RL=20Ω
V/OC
(1V/div.)
IOUT
(0.1A/div.)
TIME(500us/div.)
Fig.28 Inrush current response
(BD2056AFJ)
V/EN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
RL=10Ω
CL=100uF
V/OC
(5V/div.)
RL=20Ω
CL=100uF
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
V/OC
(5V/div.)
RL=20Ω
CL=100uF
TIME (1s/div.)
Fig.35 UVLO response
Decreasing VIN
(BD2056AFJ)
TIME(2ms/div.)
Fig.30 Over current response
Ramped load
(BD2056AFJ)
IOUT
(0.5A/div.)
V/OC
(1V/div.)
VOUT
(1V/div.)
CL=47µF
CL=100µ
CL=147µF
CL=200µF
VIN=2.5V
CL=100uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com