Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 24Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 25Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 26Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 27Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 28Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 29Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 30Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 31Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 28 of 44
THERMAL CONSIDERATIONS
The ADP1870/ADP1871 are used for dc-to-dc, step down, high
current applications that have an on-board controller, an on-board
LDO, and on-board MOSFET drivers. Because applications may
require up to 20 A of load current delivery and be subjected to
high ambient temperature surroundings, the selection of external
upper- and lower-side MOSFETs must be associated with careful
thermal consideration to not exceed the maximum allowable
junction temperature of 125°C. To avoid permanent or irreparable
damage if the junction temperature reaches or exceeds 155°C, the
part enters thermal shutdown, turning off both external MOSFETs,
and does not reenable until the junction temperature cools to
140°C (see the On-Board Low Dropout Regulator section).
In addition, it is important to consider the thermal impedance
of the package. Because the ADP1870/ADP1871 employ an on-
board LDO, the ac current (fxCxV) consumed by the internal
drivers to drive the external MOSFETs adds another element of
power dissipation across the internal LDO. Equation 3 shows the
power dissipation calculations for the integrated drivers and for
the internal LDO.
Table 9 lists the thermal impedance for the ADP1870/ADP1871,
which are available in a 10-lead MSOP.
Table 9. Thermal Impedance for 10-lead MSOP
Parameter
Thermal Impedance
10-Lead MSOP θJA
2-Layer Board
213.1°C/W
4-Layer Board
171.7°C/W
Figure 83 specifies the maximum allowable ambient temperature
that can surround the ADP1870/ADP1871 IC for a specified
high input voltage (VIN). Figure 83 illustrates the temperature
derating conditions for each available switching frequency for
low, typical, and high output setpoints for the 10-lead MSOP
package. All temperature derating criteria are based on a
maximum IC junction temperature of 125°C.
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
5.5
19.0
17.5
16.0
14.5
13.0
11.5
10.0
8.5
7.0
VIN (V)
VOUT = 0.8V
VOUT = 1.8V
VOUT = HIGH SETPOINT
600kHz
300kHz
1MHz
Figure 83. Ambient Temperature vs. VIN for 10-Lead MSOP (171°C/W),
4-Layer EVB, CIN = 4.3 nF (Upper-/Lower-Side MOSFET)
The maximum junction temperature allowed for the ADP1870/
ADP1871 ICs is 125°C. This means that the sum of the ambient
temperature (TA) and the rise in package temperature (TR),
which is caused by the thermal impedance of the package and
the internal power dissipation, should not exceed 125°C, as
dictated by the following expression:
TJ
= TR × TA
(1)
where:
TA
is the ambient temperature.
TJ
is the maximum junction temperature.
TR
is the rise in package temperature due to the power
dissipated from within.
The rise in package temperature is directly proportional to its
thermal impedance characteristics. The following equation
represents this proportionality relationship:
TR
= θJA × PDR(LOSS)
(2)
where:
θJA
is the thermal resistance of the package from the junction to
the outside surface of the die, where it meets the surrounding air.
PDR(LOSS)
is the overall power dissipated by the IC.
The bulk of the power dissipated is due to the gate capacitance
of the external MOSFETs and current running through the on-
board LDO. The power loss equations for the MOSFET drivers
and internal low dropout regulator (see the MOSFET Driver
Loss section in the Efficiency Consideration section) are:
PDR(LOSS)
= [VDR × (fSWCupperFETVDR + IBIAS)] +
[VREG × (fSWClowerFET VREG + IBIAS)]
(3)
where:
CupperFET
is the input gate capacitance of the upper-side MOSFET.
ClowerFET
is the input gate capacitance of the lower-side MOSFET.
IBIAS
is the dc current (2 mA) flowing into the upper- and lower-
side drivers.
VDR
is the driver bias voltage (the low input voltage (VREG)
minus the rectifier drop (see Figure 81)).
VREG
is the LDO output/bias voltage.
)
(
)
(
)
(
)
(
BIAS
REG
total
SW
REG
IN
LOSS
DR
LDO
DISS
I
V
C
f
V
V
P
P
+
×
×
×
−
+
=
(4)
where:
PDISS(LDO)
is the power dissipated through the pass device in the
LDO block across VIN and VREG.
Ctotal
is the CGD + CGS of the external MOSFET.
VREG
is the LDO output voltage and bias voltage.
VIN
is the high voltage input.
IBIAS
is the dc input bias current.
PDR(LOSS)
is the MOSFET driver loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com